PART |
Description |
Maker |
P8SG-XXXXZH30M P8SG-0505ZH30M P8SG-053R6ZH30M P8SG |
Input voltage:24V, output voltage /-7.2V ( /-100mA), 3KV isolated 1.5W regulated single output Input voltage:24V, output voltage /-15V ( /-50mA), 3KV isolated 1.5W regulated single output Input voltage:24V, output voltage /-5V ( /-150mA), 3KV isolated 1.5W regulated single output Input voltage:12V, output voltage /-12V ( /-63mA), 3KV isolated 1.5W regulated single output Input voltage:12V, output voltage /-5V ( /-150mA), 3KV isolated 1.5W regulated single output Input voltage:5V, output voltage /-3.6V ( /-200mA), 3KV isolated 1.5W regulated single output Input voltage:5V, output voltage /-5V ( /-150mA), 3KV isolated 1.5W regulated single output 3 KV ISOLATED 1.5 W REGULATED DUAL OUTPUT DIP24 3千伏隔震1.5糯稳压双输出DIP24
|
PEAK[PEAK electronics GmbH]
|
P8SG-247R2EM P8SG-0505EM P8SG-1205EM P8SG-1212EM P |
Input voltage:24V, output voltage 7.2V (200mA), 1KV isolated 1.5W regulated single output 1 KV ISOLATED 1.5 W REGULATED SINGLE OUTPUT DIP24 1千伏隔震1.5糯稳压单输出DIP24
|
PEAK[PEAK electronics GmbH]
|
IDT54FCT620CTLB IDT54FCT620CTEB IDT54FCT620ATDB ID |
High Frequency Synchronous PWM Buck Controller in a 10-Lead MLPD Package. High Frequency 2-Phase Single or Dual Output Sychronous Step Down Controller with Output Tracking and Sequencing High Frequency 2-Phase, Single or Dual Output Synchronous Step Down Controller with Output Tracking and Sequencing Single 8-Bit Inverting Bus Transceiver 位反向总线收发
|
Fairchild Semiconductor, Corp.
|
PN6CU-4812E PN6CU-0505E PN6CU-0512E PN6CU-1205E PN |
Input voltage: 48V, output voltage 12V (84mA), 1KV isolated 1W unregulated single output Input voltage: 48V, output voltage 5V (200mA), 1KV isolated 1W unregulated single output Input voltage: 24V, output voltage 3.3V (303mA), 1KV isolated 1W unregulated single output Input voltage: 24V, output voltage 12V (84mA), 1KV isolated 1W unregulated single output Input voltage: 24V, output voltage 5V (200mA), 1KV isolated 1W unregulated single output Input voltage: 12V, output voltage 12V (84mA), 1KV isolated 1W unregulated single output Input voltage: 12V, output voltage 5V (200mA), 1KV isolated 1W unregulated single output Input voltage: 5V, output voltage 12V (84mA), 1KV isolated 1W unregulated single output Input voltage: 5V, output voltage 5V (200mA), 1KV isolated 1W unregulated single output PN6CU-XXXXE 1KV ISOLATED 1W UNREGULATED SINGLE OUTPUT SIP7 PN6CU - XXXXE 1KV交隔W的未稳压单输出SIP7
|
PEAK[PEAK electronics GmbH]
|
P6LU-2415EH52 P6LU-0505EH52 P6LU-0512EH52 P6LU-120 |
Input voltage:12V, output voltage 12V (84mA), 5.2KV isolated 1W unregulated single output Input voltage:24V, output voltage 5V (200mA), 5.2KV isolated 1W unregulated single output Input voltage:12V, output voltage 5V (200mA), 5.2KV isolated 1W unregulated single output 5.2KV ISOLATED 1W UNREGULATED SINGLE OUTPUT SIP7 5.2KV隔震1W的未稳压单输出SIP7
|
PEAK[PEAK electronics GmbH]
|
BSP20 BSP19 |
NPN high-voltage transistors INNOLINE: RP100-S_DI - Single Output up to 25A Dual Outputs Total Power up to 100W- Input/Output 1.6kVDC Isolation- Adjustable Output Voltage
|
NXP Semiconductors PHILISP PHILIPS[Philips Semiconductors]
|
PZ8GG-1515E PZ8GG PZ8GG-0505E PZ8GG-0512E PZ8GG-05 |
Input voltage:12V, output voltage 15V (100mA), 0.5KV isolated 1.5W regulated single output Input voltage:12V, output voltage 12V (125mA), 0.5KV isolated 1.5W regulated single output Input voltage:5V, output voltage 15V (100mA), 0.5KV isolated 1.5W regulated single output Input voltage:5V, output voltage 12V (125mA), 0.5KV isolated 1.5W regulated single output Input voltage:15V, output voltage 12V (125mA), 0.5KV isolated 1.5W regulated single output Input voltage:5V, output voltage 5V (300mA), 0.5KV isolated 1.5W regulated single output Input voltage:15V, output voltage 5V (300mA), 0.5KV isolated 1.5W regulated single output FERRITE CHIP 40 OHM 550MA 0402 0.5千伏隔震1.5糯稳压单输出SIP12 FERRITE CHIP BEAD 80 OHM SMD 0.5千伏隔震1.5糯稳压单输出SIP12 FERRITE CHIP 1000 OHM 200MA 0402 0.5千伏隔震1.5糯稳压单输出SIP12 FERRITE CHIP 470 OHM 250MA 0402 0.5千伏隔震1.5糯稳压单输出SIP12 FERRITE CHIP 120 OHM 400MA 0402 FERRITE CHIP 240 OHM 300MA 0402 FERRITE CHIP 300 OHM 250MA 0402 FERRITE CHIP 600 OHM 250MA 0402 FERRITE CHIP BEAD 600 OHM SMD PZ8GGxxxxE 0.5 KV ISOLATED 1.5 W REGULATED SINGLE OUTPUT SIP12
|
Electronic Theatre Controls, Inc. PEAK[PEAK electronics GmbH] ETC[ETC] List of Unclassifed Manufacturers
|
P6BU-2415E P6BU-0505E P6BU-0512E P6BU-0515E P6BU-0 |
Input voltage:5V, output voltage 7.2V (140mA), 1KV isolated 1W unregulated single output P6BU-XXXXE 1KV ISOLATED 1W UNREGULATED SINGLE OUTPUT DIP8 P6BU-XXXXE 1KV ISOLATED 1W UNREGULATED SINGLE OUTPUT DIP8 P6BU - XXXXE 1KV交隔W的未稳压单输出DIP8 P6BU-XXXXE 1KV ISOLATED 1W UNREGULATED SINGLE OUTPUT DIP8 P6BU - XXXXE 1KV交隔1W的未稳压单输出DIP8
|
http:// PEAK[PEAK electronics GmbH]
|
2SC4399 |
ECONOLINE: RUZ - Dual Output from a Single Input Rail- Input/Output Isolation 1kVDC- Output/Output Isolation 1kVDC- Power Sharing on Outputs- UL94V-0 Package Material- Toroidal Magnetics- No Extern. Components Required- Efficiency to 85% 高频通用放大器应 High-Frequency General-Purpose Amp Applications
|
Sanyo Electric Co., Ltd. Sanyo Semicon Device Toshiba Semiconductor
|
POLS06-05T POLS06-05T-P POL06-05T |
6A Output Current Rating DC/DC Open Frame Converter Single Output
|
Wall Industries,Inc.
|
POLS10-05T-P |
10A Output Current Rating DC/DC Open Frame Power Supply Single Output
|
Wall Industries,Inc.
|